Part Number Hot Search : 
M204SD 120H2M5A RJK0362 TB1012F MM3Z5543 04597 10LFT D2454
Product Description
Full Text Search
 

To Download RH117 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RH117 Positive Adjustable Regulator
DESCRIPTIO
ABSOLUTE
AXI U
RATI GS
The RH117 is a 3-terminal positive adjustable regulator capable of supplying up to 0.5A (H package) or 1.5A (K package). The output is adjusted using two external resistors for a range of 1.2V to 37V. The devices have full current limit thermal overload safe area protection, all of which remain functional even if the adjustment terminal is disconnected. The wafer lots are processed to LTC's in-house Class S flow to yield circuits usable in stringent military applications. In addition to 883 processing, the RH117 is subjected to 100% burn-in in thermal limit.
Power Dissipation ............................... Internally Limited Input-to-Output Voltage Differential ......................... 40V Operating Junction Temperature Range ......................... - 55C to 150C Storage Temperature Range ................. - 65C to 150C Lead Temperature (Soldering, 10 sec).................. 300C
, LTC and LT are registered trademarks of Linear Technology Corporation.
BUR -I CIRCUIT
RH117 20V VIN ADJ 2k 61.9 OUTPUT
PACKAGE/ORDER I FOR ATIO
BOTTOM VIEW ADJ 2 INPUT 1 3 OUTPUT
-20V
H PACKAGE 3-LEAD TO-39 METAL CAN
RH117 BI
BOTTOM VIEW VIN 2 CASE IS OUTPUT 1 ADJ K PACKAGE 2-LEAD TO-3 METAL CAN
U
U
W
WW
U
W
U
UU
1
RH117 TABLE 1: ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER VREF V OUT V IN V OUT I OUT Reference Voltage Line Regulation Load Regulation Thermal Regulation Ripple Rejection CONDITIONS 3V (V IN - VOUT) 40V, 10mA I OUT I MAX, P P MAX 3V (V IN - VOUT) 40V, IOUT = 10mA 10mA I OUT I MAX, VOUT 5V 10mA I OUT I MAX, VOUT 5V 20ms Pulse VOUT = 10V, f = 120Hz, CADJ = 0 VOUT = 10V, f = 120Hz, CADJ = 10F IADJ I ADJ Adjust Pin Current Adjust Pin Current Change Minimum Load Current Current Limit 10mA I OUT I MAX 2.5V (V IN - VOUT) 40V, IOUT = 10mA (VIN - VOUT) = 40V (VIN - VOUT) 15V H Package K Package 0.5 1.5 0.15 0.30 3 66 100 5 5 5 1 1 1 1 1 1 1 1 1 3 0.001 3 3 15 3 1 0.5 1.5 2 2 2 65 66 100 5 5 5 2,3 2,3 2,3 2,3 2,3 2,3 NOTES MIN 1.20
(Preirradiation) (Note 1)
TJ = 25C TYP MAX 1.30 0.02 15 0.3 0.07 SUB- - 55C T J 150C GROUP MIN TYP MAX 1 1 1 1 1 65 1.20 1.30 0.05 50 1 SUBGROUP 2,3 2,3 2,3 2,3
UNITS V %/V mV % %/W dB dB A A A mA A A A A % % % C/W C/W
IMIN
(VIN - VOUT) = 40V H Package K Package V OUT Temp V OUT Time en JC Temperature Stability - 55C T J 150C Long Term Stability RMS Output Noise Thermal Resistance (Junction to Case) TA = 125C 10Hz f 10kHz H Package K Package
TABLE 1A: ELECTRICAL CHARACTERISTICS
SYMBOL VREF PARAMETER CONDITIONS NOTES
(Postirradiation) (Note 4)
20KRAD(Si) MIN MAX 50KRAD(Si) MIN MAX 100KRAD(Si) MIN MAX UNITS
10KRAD(Si) MIN MAX
Reference Voltage Line Regulation Load Regulation
3V (V IN - VOUT) 40V, 10mA I OUT I MAX, P P MAX 3V (V IN - VOUT) 40V, I OUT = 10mA 10mA I OUT I MAX, VOUT 5V 10mA I OUT I MAX, VOUT 5V 2 2 2
1.20
1.30 0.02 36 0.72
1.20
1.30 1.20 0.02 42 0.84
1.30 0.02 48 0.96
1.20
1.30 0.03 60 1.20
V %/V mV %
V OUT V IN V OUT I OUT
2
RH117 TABLE 1A: ELECTRICAL CHARACTERISTICS
SYMBOL IADJ PARAMETER CONDITIONS NOTES
(Postirradiation) (Note 5)
20KRAD(Si) MIN MAX 50KRAD(Si) MIN MAX 100KRAD(Si) MIN MAX UNITS
10KRAD(Si) MIN MAX
Adjust Pin Current Adjust Pin Current Change Minimum Load Current Current Limit 10mA I OUT I MAX 2.5V (V IN - VOUT ) 40V, IOUT = 10mA (VIN - VOUT ) = 40V (VIN - VOUT ) 15V (VIN - VOUT ) = 40V H Package K Package H Package K Package 0.5 1.5 0.15 0.30
100 5 5 5 0.5 1.5 0.15 0.30
100 5 5 5 0.5 1.5 0.15 0.30
100 5 5 5 0.5 1.5 0.15 0.30
100 5 5 5
A A A mA A A A A
I ADJ
IMIN
Note 1: Unless otherwise specified, these specifications apply for VIN - VOUT = 5V; and IOUT = 0.1A for the H package (TO-39) and IOUT = 0.5A for the K package (TO-3) package. Although power dissipation is internally limited, these specifications are applicable for power dissipations of 2W for the TO-39 and 20W for the TO-3. IMAX is 0.5A for the TO-39 and 1.5A for the TO-3.
Note 2: Regulation is measured at a constant junction temperature using pulse testing with a low duty cycle. Changes in output voltage due to heating effects are covered under the specification for thermal regulation. Note 3: Guaranteed by design, characterization or correlation to other tested parameters. Note 4: TJ = 25C unless otherwise noted.
TOTAL DOSE BIAS CIRCUIT
RH117 15V VIN ADJ 0.1F -15V 2k 61.9
RH117 TA01
OUTPUT
TABLE 2: ELECTRICAL TEST REQUIRE E TS
MIL-STD-883 TEST REQUIREMENTS Final Electrical Test Requirements (Method 5004) Group A Test Requirements (Method 5005) Group C and D End Point Electrical Parameters (Method 5005) * PDA Applies to subgroup 1. See PDA Test Notes. SUBGROUP 1*,2,3 1,2,3 1 PDA Test Notes The PDA is specified as 5% based on failures from group A, subgroup 1, tests after cooldown as the final electrical test in accordance with method 5004 of MIL-STD-883 Class B. The verified failures of group A, subgroup 1, after burn-in divided by the total number of devices submitted for burnin in that lot shall be used to determine the percent for the lot. Linear Technology Corporation reserves the right to test to tighter limits than those given.
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
UW
3
RH117 TYPICAL PERFORMANCE CHARACTERISTICS
Reference Voltage
1.28 20
DIFFERENTIAL REFERENCE VOLTAGE (mV)
MINIMUM LOAD CURRENT (mA)
3V (VIN - VOUT) 40V 10mA IOUT IMAX
REFERENCE VOLTAGE (V)
1.26
1.24
1.22
1.20
1
10 100 TOTAL DOSE KRAD (Si)
Adjust Pin Current
55 (VIN - VOUT) = 3V 2.0
ADJUST PIN CURRENTCHANGE (A)
50
ADJUST CURRENT (A)
CURRENT LIMIT (A)
45 40 35 30 25 20 1 10 100 TOTAL DOSE KRAD (Si) 1000
RH117 G04
4
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
UW
RH117 G01
Regulation
2.0
Minimum Load Current
(VIN - VOUT) = 13V
15
1.5
10
1.0
5
LOAD LINE
0.5
1000
0
0 1 10 100 TOTAL DOSE KRAD (Si) 1000
RH117 G02
1
10 100 TOTAL DOSE KRAD (Si)
1000
RH117 G03
Adjust Pin Current Change
3.5 3.0 1.5
Current Limit
(VIN - VOUT) = 4.25V 2.5 2.0 1.5 1.0 0.5 (VIN - VOUT) = 40V
1.0 2.5V (VIN - VOUT) 40V 0.5 10mA IOUT IMAX
0
0 1 10 100 TOTAL DOSE KRAD (Si) 1000
RH117 G05
1
10 100 TOTAL DOSE KRAD (Si)
1000
RH117 G06
I.D. No. 66-11-0117 Rev. B 0796
LT/HP 0796 500 REV B * PRINTED IN USA
(c) LINEAR TECHNOLOGY CORPORATION 1989


▲Up To Search▲   

 
Price & Availability of RH117

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X